Part Number Hot Search : 
T3441N M38C81ME 2MQ35 DTR2G TLE4305 8EVKIT RM707 CAT37
Product Description
Full Text Search
 

To Download SRR0604 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PL
IA
Features
Available in E6 series Low unit height of 4.8 mm High current RoHS compliant*
Applications
Input/output of DC/DC converters Power supplies for: * Portable communication equipment * Camcorders * LCD TVs * Car radios
*R
oH
S
CO
M
NT
SRR0604 Series - Shielded Power Inductors
Electrical Specifications
Inductance 1kHz Bourns Part No. (H) Tol. % Q Ref. Test Frequency (MHz) SRF Min. (MHz) RDC () I rms Max. (A) I sat Typ. (A)
SRR0604-1R5ML SRR0604-2R5ML SRR0604-3R3ML SRR0604-4R7ML SRR0604-6R8ML SRR0604-100ML SRR0604-150ML SRR0604-220ML SRR0604-330KL SRR0604-470KL SRR0604-680KL SRR0604-101KL SRR0604-151KL SRR0604-221KL SRR0604-331KL SRR0604-471KL SRR0604-681KL SRR0604-102KL
1.5 2.5 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000

20 20 20 20 20 20 20 20 10 10 10 10 10 10 10 10 10 10
23 21 21 10 20 18 18 16 16 15 15 23 21 20 18 18 16 15
7.96 7.96 7.96 7.96 7.96 2.52 2.52 2.52 2.52 2.52 2.52 0.796 0.796 0.796 0.796 0.796 0.796 0.252
110.0 100.0 90.0 50.0 37.0 30.0 30.0 25.0 21.0 18.0 15.0 13.0 12.0 10.0 7.0 6.5 6.0 5.5
0.028 0.035 0.050 0.060 0.070 0.12 0.13 0.19 0.25 0.35 0.52 0.65 1.00 1.70 2.10 3.30 4.80 6.10
2.80 2.50 2.30 2.00 1.60 1.30 1.10 0.90 0.70 0.60 0.50 0.40 0.30 0.25 0.20 0.18 0.15 0.12
3.95 3.50 2.90 2.55 2.05 1.80 1.45 1.20 0.95 0.80 0.68 0.57 0.47 0.32 0.28 0.22 0.19 0.15
General Specifications Test Voltage ....................................1 Volt Reflow Soldering .....230 C; 50 sec max. Operating Temperature .-40 C to +125 C (Temperature rise included) Storage Temperature..-40 C to +125 C Resistance to Soldering Heat ..................................260 C for 5 sec. Materials Core Material...................Ferrite DR & RI Wire ............................Enameled Copper Base ......................................LCP E4008 Terminal.....................................Cu/Ni/Sn Rated Current ..Ind. drop 10 % typ at I sat Temperature Rise ..40 C max at rated I rms Packaging...................1000 pcs. per reel Product Dimensions
6.5 0.2 (.256 .008) 6.5 0.2 (.256 .008) MAX. 4.8 (.189)
Electrical Schematic
100
2.0 0.2 (.099 .008) 0.7 0.1 (.028 .004)
5.0 0.2 (.197 .008)
0.7 0.1 (.028 .004)
Recommended Layout
2.5 (.099) 4.5 (.177) 1.5 (.060)
DIMENSIONS:
MM (INCHES)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.
SRR0604 Series - Shielded Power Inductors
Packaging Specifications
178.0 (7.00) DIA.
2.0 0.5 (.079 .020)
18.4 (.724) THICKNESS 0.10 (.004) MAX. 50.0 (1.969) EMBOSSED CAVITY
21.0 0.8 (.827 .031)
13.0 0.5 (.512 .020) DIA.
13.0 0.5 DIA. (.512 .020) EMBOSSED CARRIER
14.0 (.551) 4 (.157)
END
START
12 (.472)
5.0 (0.197)
8 (.315)
NO COMPONENT COMPONENTS NO COMPONENT
160 (6.299)
3200 (125.984)
400 (15.748)
USER DIRECTION OF FEED
QTY: 1000 PCS. PER REEL MM (INCHES)
DIMENSIONS:
REV. 05/05 Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of SRR0604

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X